Part Number Hot Search : 
1620C SDTB6D8Q 1SHA25TR MJ15002G EL6257 SD213 22405 2SD1801
Product Description
Full Text Search
 

To Download BAT54ADW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAT54TW / BAT54ADW /BAT54CDW BAT54SDW/ BAT54BRW
Elektronische Bauelemente Surface Mount Schottky Barrier Diode Array
RoHS Compliant Product A suffix of "-C" specifies halogen & lead-free
FEATURES
SOT-363 Dim
A
* * *
Low Turn-on Voltage Fast Switching PN Junction Guard Ring for Transient and ESD Protection
Min 0.10 1.15 2.00 0.30 1.80 3/4 0.90 0.25 0.10 0
Max 0.30 1.35 2.20 0.40 2.20 0.10 1.00 0.40 0.25 8
A B
BC
C D F H
M
0.65 Nominal
MECHANICAL DATA
H K
* * * * *
Case: SOT-363, Molded Plastic Terminals: Solderable per MIL-STD-202, Method 208 Polarity: See Diagrams Below Weight: 0.016 grams (approx.) Mounting Position: Any
6 5
O
J K L M a
J
D
F
L
4
1
2
3
All Dimensions in mm
BAT54TW Marking: KLA
BAT54ADW Marking: KL6
BAT54CDW Marking: KL7
BAT54SDW Marking: KL8
BAT54BRW Marking:KLB
MAXIMUM RATINGS (TJ = 125C unless otherwise noted)
Rating Reverse Voltage Forward Power Dissipation @ TA = 25C Derate above 25C Forward Current (DC) Junction Temperature Storage Temperature Range Symbol VR PF 225 1.8 IF TJ Tstg 200 Max 125 Max - 55 to +150 mW mW/C mA C C Value 30 Unit Volts
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) (EACH DIODE)
Characteristic Reverse Breakdown Voltage (IR = 10 A) Total Capacitance (VR = 1.0 V, f = 1.0 MHz) Reverse Leakage (VR = 25 V) Forward Voltage (IF = 0.1 mAdc) Forward Voltage (IF = 30 mAdc) Forward Voltage (IF = 100 mAdc) Reverse Recovery Time (IF = IR = 10 mAdc, IR(REC) = 1.0 mAdc) Figure 1 Forward Voltage (IF = 1.0 mAdc) Forward Voltage (IF = 10 mAdc) Forward Current (DC) Repetitive Peak Forward Current Non-Repetitive Peak Forward Current (t < 1.0 s) Symbol V(BR)R CT IR VF VF VF trr VF VF IF IFRM IFSM Min 30 -- -- -- -- -- -- -- -- -- -- -- Typ -- 7.6 0.5 0.22 0.41 0.52 -- 0.29 0.35 -- -- -- Max -- 10 2.0 0.24 0.5 1.0 5.0 0.32 0.40 200 300 600 Unit Volts pF Adc Vdc Vdc Vdc ns Vdc Vdc mAdc mAdc mAdc
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 2
Elektronische Bauelemente
BAT54TW / BAT54ADW /BAT54CDW BAT54SDW/ BAT54BRW
Surface Mount Schottky Barrier Diode Array
820 +10 V 2k 100 H 0.1 F DUT 50 utput Pulse Generator 50 Input Sampling Oscilloscope 90% VR Input Signal IR IR(REC) = 1 mA Output Pulse (IF = IR = 10 mA; measured at IR(REC) = 1 mA) IF 0.1 F tr 10% tp t IF trr t
Notes: 1. A 2.0 k variable resistor adjusted for a Forward Current (IF) of 10 mA. Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA. Notes: 3. tp trr
Figure 1. Recovery Time Equivalent Test Circuit
100 1000 TA = 150C 100 10 1 50C IR , Reverse Current (A) IF, Forward Current (mA) TA = 125C 10 1.0 TA = 85C 0.1 0.01 TA = 25C 0.001 0.1 0.2 0.3 0.4 0.5 0.6 0 5 V F, Forward Voltage (V) 10 15 20 VR, Reverse Voltage (V) 25 30
1 25C 1.0 85C 25C - 40C - 55C
0.1 0.0
Figure 2. Forward Voltage
Figure 3. Leakage Current
14 12 C T , Total Capacitance (pF) 10 8 6 4 2 0 0 5 10 15 20 25 30
VR, Reverse Voltage (V)
Figure 4. Total Capacitance
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of BAT54ADW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X